Part Number Hot Search : 
IRFBF20 32017 250254B SAA6579 53259 SAA1305T PB314006 93C46
Product Description
Full Text Search
 

To Download ECHU1H822 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  design, specifications are subject to change without notice. ask factory for technical specifications before purchase and/or use . whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. plastic film capacitors stacked metallized pps film chip capacitor type: echu(x) stacked metallized pps film as dielectric with simple mold-less construction features small in size (minimum size 1.6 mm ? 0.8 mm) 85 ? c, 85 %rh, w.v. ? 1.0 for 500 hours for reflow soldering rohs directive compliant recommended applications time-constant filtering oscillation and resonance explanation of part numbers 123456789101112 e c h u product code dielectric & construction rated voltage capacitance x cap. tol. suffix suffix g 2 % j 5 % specifications construction dimensions in mm (not to scale) ? please consult us for flow soldering ? in case of applying voltage in alternating current (50 hz or 60 hz sine wave) to a capacitor with dc rated voltage, please refer to the page of permissible voltage (r.m.s) in alternating current corresponding to dc rated voltage . 01 10 vdc 1c 16 vdc 1h 50 vdc 5 8 mm size 180 mm 9 12 mm size 330 mm ? tape width 8 mm and diameter 330 mm reel is prepared. tape width reel diameter category temp. range (including temperature-rise on unit surface) rated voltage capacitance range capacitance tolerance withstand voltage dissipation factor (tan ) insulation resistance (ir)  55 ? to  125 ? 10 vdc | 16 vdc | 50 vdc (50 vdc: 0.12 f or more: derating or rated voltage by 1.25 % / ? at more than 105 ? ) 0.00010 f to 0.22 f (e12) ? 2 %(g), ? 5 %(j) between terminals : rated volt. (vdc) ? 150 % 60 s tan ? 0.6 % (20 ? , 1 khz) 10 vdc  ir ? 3000 m 
(20 ? , 10 vdc, 60 s) 16 vdc  ir ? 3000 m 
(20 ? , 10 vdc, 60 s) 50 vdc  ir ? 3000 m 
(20 ? , 50 vdc, 60 s) soldering conditions reflow soldering : 260 ? c max. and 95 sec max. at more than 220 ? c (temp. at cap. surface) saize code l wh e g k1 1.6 0.8 0.7 0.35 ? 0.4 j1 2.0 1.25 0.9 0.45 ? 0.6 j2 2.0 1.25 1.1 0.45 ? 0.6 h1 3.2 1.6 0.9 0.65 ? 1.0 h2 3.2 1.6 1.1 0.65 ? 1.0 h3 3.2 1.6 1.5 0.65 ? 1.0 g1 3.2 2.5 1.1 0.65 ? 1.0 g2 3.2 2.5 1.5 0.65 ? 1.0 g3 3.2 2.5 2.1 0.65 ? 1.0 e1 4.8 3.3 1.5 0.80 ? 2.0 e2 4.8 3.3 2.1 0.80 ? 2.0 d1 6.0 4.1 1.9 0.80 ? 2.0 d3 6.0 4.1 2.5 0.80 ? 2.0 d4 6.0 4.1 2.8 0.80 ? 2.0
design, specifications are subject to change without notice. ask factory for technical specifications before purchase and/or use . whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. plastic film capacitors rating, dimensions & quantity/reel capacitance tolerance : 2 % (g), 5 % (j) taping specification for automatic mounting refer to the page of taping specifications 0.00010 0.00012 0.00015 0.00018 0.00022 0.00027 0.00033 0.00039 0.00047 0.00056 0.00068 0.00082 0.0010 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.010 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.10 0.12 0.15 0.18 0.22 cap. (f) echu1c101 ? x5 1.6 0.8 0.7 k1 echu1c121 ? x5 1.6 0.8 0.7 k1 echu1c151 ? x5 1.6 0.8 0.7 k1 echu1c181 ? x5 1.6 0.8 0.7 k1 echu1c221 ? x5 1.6 0.8 0.7 k1 echu1c271 ? x5 1.6 0.8 0.7 k1 echu1c331 ? x5 1.6 0.8 0.7 k1 echu1c391 ? x5 1.6 0.8 0.7 k1 echu1c471 ? x5 1.6 0.8 0.7 k1 echu1c561 ? x5 1.6 0.8 0.7 k1 echu1c681 ? x5 1.6 0.8 0.7 k1 echu1c821 ? x5 1.6 0.8 0.7 k1 echu1c102 ? x5 1.6 0.8 0.7 k1 echu1c122 ? x5 1.6 0.8 0.7 k1 echu1c152 ? x5 1.6 0.8 0.7 k1 echu1c182 ? x5 1.6 0.8 0.7 k1 echu1c222 ? x5 1.6 0.8 0.7 k1 echu1c272 ? x5 1.6 0.8 0.7 k1 echu1h101 ? x5 2.0 1.25 0.9 j1 echu1h121 ? x5 2.0 1.25 0.9 j1 echu1h151 ? x5 2.0 1.25 0.9 j1 echu1h181 ? x5 2.0 1.25 0.9 j1 echu1h221 ? x5 2.0 1.25 0.9 j1 echu1h271 ? x5 2.0 1.25 0.9 j1 echu1h331 ? x5 2.0 1.25 0.9 j1 echu1h391 ? x5 2.0 1.25 0.9 j1 echu1h471 ? x5 2.0 1.25 0.9 j1 echu1h561 ? x5 2.0 1.25 0.9 j1 echu1h681 ? x5 2.0 1.25 0.9 j1 echu1h821 ? x5 2.0 1.25 0.9 j1 echu1h102 ? x5 2.0 1.25 0.9 j1 echu1h122 ? x5 2.0 1.25 0.9 j1 echu1h152 ? x5 2.0 1.25 0.9 j1 echu1h182 ? x5 2.0 1.25 0.9 j1 echu1h222 ? x5 2.0 1.25 0.9 j1 echu1h272 ? x5 2.0 1.25 0.9 j1 echu1h332 ? x5 3.2 1.6 0.9 h1 echu1h392 ? x5 3.2 1.6 0.9 h1 echu1h472 ? x5 3.2 1.6 0.9 h1 echu1h562 ? x5 3.2 1.6 0.9 h1 echu1h682 ? x5 3.2 1.6 0.9 h1 ECHU1H822 ? x5 3.2 1.6 1.1 h2 echu1h103 ? x5 3.2 1.6 1.1 h2 echu1h123 ? x5 3.2 2.5 1.1 g1 echu1h153 ? x5 3.2 2.5 1.1 g1 echu1h183 ? x5 3.2 2.5 1.5 g2 echu1h223 ? x5 3.2 2.5 1.5 g2 echu1h273 ? x5 3.2 2.5 1.5 g2 echu1h333 ? x5 3.2 2.5 2.1 g3 echu1h393 ? x5 3.2 2.5 2.1 g3 echu1h473 ? x9 4.8 3.3 1.5 e1 echu1h563 ? x9 4.8 3.3 1.5 e1 echu1h683 ? x9 4.8 3.3 1.5 e1 echu1h823 ? x9 4.8 3.3 2.1 e2 echu1h104 ? x9 4.8 3.3 2.1 e2 echu1h124 ? x9 6.0 4.1 1.9 d1 echu1h154 ? x9 6.0 4.1 1.9 d1 echu1h184 ? x9 6.0 4.1 2.5 d3 echu1h224 ? x9 6.0 4.1 2.8 d4 3000 2000 3000 2000 echu1c332 ? x5 2.0 1.25 0.9 j1 echu1c392 ? x5 2.0 1.25 0.9 j1 echu1c472 ? x5 2.0 1.25 0.9 j1 echu1c562 ? x5 2.0 1.25 0.9 j1 echu1c682 ? x5 2.0 1.25 0.9 j1 echu1c822 ? x5 2.0 1.25 1.1 j2 echu1c103 ? x5 2.0 1.25 1.1 j2 echu1c123 ? x5 3.2 1.6 0.9 h1 echu1c153 ? x5 3.2 1.6 0.9 h1 echu1c183 ? x5 3.2 1.6 0.9 h1 echu1c223 ? x5 3.2 1.6 0.9 h1 echu1c273 ? x5 3.2 1.6 1.1 h2 echu1c333 ? x5 3.2 1.6 1.1 h2 echu1c393 ? x5 3.2 1.6 1.5 h3 echu1c473 ? x5 3.2 1.6 1.5 h3 echu1c563 ? x5 3.2 2.5 1.5 g2 echu1c683 ? x5 3.2 2.5 1.5 g2 echu1c823 ? x5 3.2 2.5 2.1 g3 echu1c104 ? x5 3.2 2.5 2.1 g3 3000 4000 2000 rated volt. 16 vdc part no. dimensions (mm) lwh size code q'ty rated volt. 50 vdc part no. dimensions (mm) lwh size code q'ty a cap. tol. code a
design, specifications are subject to change without notice. ask factory for technical specifications before purchase and/or use . whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. plastic film capacitors echu01332 m x5 echu01392 m x5 echu01472 m x5 echu01562 m x5 echu01682 m x5 echu01822 m x5 echu01103 m x5 echu01123 m x5 echu01153 m x5 echu01183 m x5 echu01223 m x5 echu01273 m x5 1.6 1.6 1.6 1.6 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 0.8 0.8 0.8 0.8 1.25 1.25 1.25 1.25 1.25 1.25 1.25 1.25 0.7 0.7 0.7 0.7 0.9 0.9 0.9 0.9 0.9 0.9 1.1 1.1 k1 k1 k1 k1 j1 j1 j1 j1 j1 j1 j2 j2 4000 3000 0.00010 0.00012 0.00015 0.00018 0.00022 0.00027 0.00033 0.00039 0.00047 0.00056 0.00068 0.00082 0.0010 0.0012 0.0015 0,0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.010 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.10 cap. (f) rated volt. 10 vdc part no. dimensions (mm) lwh size code q'ty cap. tol. code rating, dimensions & quantity/reel capacitance tolerance : 2 % (g), 5 % (j) please use 16 vdc rating of echu(x) please use 16 vdc rating of echu(x) recommended for land dimensions (mm) size code land dimensions reflow soldering abc k1 0.6 2.0 0.7 j1,j2 0.8 2.4 1.1 h1,h2,h3 1.8 3.6 1.4 g1,g2,g3 1.8 3.6 2.3 e1,e2 3.0 5.6 3.0 d1,d3,d4 4.0 7.0 3.8 ? it is not warrantable that you can mount the capacitor without trouble under all the mounting condition when recommender for land dimensions is adopted.
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: panasonic: ? ech-u01223jx5? ech-u1c221jx5? ech-u1c222gx5? ech-u1h682gx5? ech-u01223gx5? ech-u1c471gx5? ech-u1h561gx5? ech-u1h822gx5? ech-u1c152jx5? ech-u1h331gx5? ech-u1c101gx5? ech-u1c102gx5? ech-u1c102jx5? ech-u1c103gx5? ech-u1c103jx5? ech-u1c104gx5? ech-u1c104jx5? ech-u1c123gx5? ech-u1c123jx5? ech-u1c152gx5? ech-u1c153gx5? ech-u1c153jx5? ech-u1c183gx5? ech-u1c183jx5? ech-u1c222jx5? ech-u1c223gx5? ech-u1c223jx5? ech-u1c272gx5? ech-u1c273gx5? ech-u1c273jx5? ech-u1c332jx5? ech-u1c333gx5? ech-u1c333jx5? ech-u1c392jx5? ech-u1c393gx5? ech-u1c393jx5? ech-u1c472jx5? ech-u1c473gx5? ech-u1c473jx5? ech-u1c562jx5? ech-u1c563gx5? ech-u1c563jx5? ech-u1c682gx5? ech-u1c682jx5? ech-u1c683gx5? ech-u1c683jx5? ech-u1c822gx5? ech-u1c822jx5? ech-u1c823gx5? ech-u1c823jx5? ech-u1h101gx5? ech-u1h101jx5? ech-u1h102gx5? ech-u1h102jx5? ech-u1h103gx5? ech-u1h103jx5? ech-u1h121jx5? ech-u1h122jx5? ech-u1h123jx5? ech-u1h152gx5? ech-u1h152jx5? ech-u1h153gx5? ech-u1h153jx5? ech-u1h181gx5? ech-u1h181jx5? ech-u1h182jx5? ech-u1h183jx5? ech-u1h221gx5? ech-u1h221jx5? ech-u1h222gx5? ech-u1h222jx5? ech-u1h223jx5? ech-u1h271jx5? ech-u1h272gx5? ech-u1h272jx5? ech-u1h273gx5? ech-u1h273jx5? ech-u1h331jx5? ech-u1h332jx5? ech-u1h333gx5? ech-u1h333jx5? ech-u1h391jx5? ech-u1h392gx5? ech-u1h392jx5? ech-u1h393gx5? ech-u1h393jx5? ech-u1h471jx5? ech-u1h472jx5? ech-u1h561jx5? ech-u1h562jx5? ech- u1h681jx5? ech-u1h682jx5? ech-u1h821jx5? ech-u1h822jx5? ech-u01103gx5? ech-u01103jx5? ech- u01123gx5? ech-u01123jx5? ech-u01153jx5? ech-u01183gx5


▲Up To Search▲   

 
Price & Availability of ECHU1H822

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X